Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPW Datasheet(PDF) 23 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 19Page - Texas Instruments RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments RF430CL331HIPW Datasheet HTML 21Page - Texas Instruments RF430CL331HIPW Datasheet HTML 22Page - Texas Instruments RF430CL331HIPW Datasheet HTML 23Page - Texas Instruments RF430CL331HIPW Datasheet HTML 24Page - Texas Instruments RF430CL331HIPW Datasheet HTML 25Page - Texas Instruments RF430CL331HIPW Datasheet HTML 26Page - Texas Instruments RF430CL331HIPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
Reader (PCD)
RF430CL331H (PICC)
Host Controller
ReadBinary command is
sent
Is the data
already
available?
RF
Responds with the
data over the
serial bus
No/Interrupt
INTO
Sends the data
using ISO14443-B
protocol
I
2
C
Yes
PCD processes the data
and possibly repeats the
cycle
RF
If necessary
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
Response register (see Section 5.11.8).
Servicing of the Select command is complete.
4. RF430CL331H procedure:
(a) If the custom Status Words (SW) feature was not used:
(i) If the host controller indicated that the file existed, the response to the PCD is SW1 = 90h and
SW2 = 00h.
(ii) If the host controller indicated that the file did not exist, the response to the PCD is SW1 = 6Ah
and SW2 = 82h.
(b) If the custom response feature was used, the response to the PCD is what was set in the Custom
Status Word Response register (see Section 5.11.13).
5.9.2
NDEF or Capability Container Read Binary Procedure
This read procedure does not change between when the PCD reads the Capability Container or an NDEF
file. These two types of reads can be differentiated by the file identifier that the RF430CL331H reports in
the NDEF File Identifier register (see Section 5.11.7).
For the general flow, see Figure 5-8.
Figure 5-8. Read System Flow
The procedure:
1. PCD procedure:
(a) Issues a Capability Container or a NDEF Read Binary command.
2. RF430CL331H procedure:
(a) Receives the RF packet.
(b) Checks its buffer and determines if all of the requested data in the Read Binary command exists
already in the buffer.
(c) If all the data is available in the buffer then (in the case that extra data was written in a previous
read request):
(i) No interrupt is issued to the host controller.
(ii) The data is supplied in the response packet to the PCD automatically.
(iii) The status word response SW1 = 90h and SW2 = 00h is appended to the packet.
(iv) The flow returns to wait for the next Type 4 request.
(d) If no data or only partial data is available, then an interrupt is issued to the host controller.
3. Host controller procedure:
(a) An interrupt is received.
(b) Checks the source of the interrupt by reading the interrupt registers (see Section 5.11.3).
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
23
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com