Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPW Datasheet(PDF) 11 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 7Page - Texas Instruments RF430CL331HIPW Datasheet HTML 8Page - Texas Instruments RF430CL331HIPW Datasheet HTML 9Page - Texas Instruments RF430CL331HIPW Datasheet HTML 10Page - Texas Instruments RF430CL331HIPW Datasheet HTML 11Page - Texas Instruments RF430CL331HIPW Datasheet HTML 12Page - Texas Instruments RF430CL331HIPW Datasheet HTML 13Page - Texas Instruments RF430CL331HIPW Datasheet HTML 14Page - Texas Instruments RF430CL331HIPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
4.9.3
RF143B NFC/RFID Analog Front End
Table 4-3. Recommended Operating Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDH
Antenna rectified voltage
Peak voltage limited by antenna limiter
3.0
3.3
3.6
V
IDDH
Antenna load current
RMS, without limiter current
100
µA
CIN
Input capacitance
ANT1 to ANT2, 2 V RMS
31.5
35
38.5
pF
Table 4-4. ISO/IEC 14443B ASK Demodulator
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
DR10
Input signal data rate 10% downlink modulation, 7% to 30% ASK, ISO1443B
106
848
kbps
m10
Modulation depth 10%, tested as defined in ISO/IEC 10373-6
7%
30%
Table 4-5. ISO/IEC 14443B-Compliant Load Modulator
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
fPICC
Uplink subcarrier modulation frequency
0.2
1
MHz
VA_MOD
Modulated antenna voltage, VA_unmod = 2.3 V
0.5
V
VSUB14
Uplink modulation subcarrier level, ISO/IEC 14443B: H = 1.5 to 7.5 A/m
22/H0.5
mV
Table 4-6. Power Supply
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLIM
Limiter clamping voltage
ILIM ≤ 70 mA RMS, f = 13.56 MHz
3.0
3.6
Vpk
ILIM,MAX
Maximum limiter current
70
mA
Copyright © 2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com