Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2743MTC/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
+
LG
HG
BOOT
+
VIN
D1
CBOOT
LM2743
LM78L05
5V
VO
VCC
+
BOOT
HG
LG
VIN
VO
VCC
+
LM2743
D1
CBOOT
15
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 25. Basic Charge Pump (Bootstrap)
Note that the LM2743 can be paired with a low cost linear regulator like the LM78L05 to run from a single input
rail between 6.0 and 14 V. The 5-V output of the linear regulator powers both the VCC and the bootstrap circuit,
providing efficient drive for logic level MOSFETs. An example of this circuit is shown in Figure 26.
Figure 26. LM78L05 Feeding Basic Charge Pump
Figure 27 shows a second possibility for bootstrapping the MOSFET drives using a doubler. This circuit provides
an equal voltage drive of VCC - 3VD + VIN to both the high-side and low-side MOSFET drives. This method should
only be used in circuits that use 3.3 V for both VCC and VIN. Even with VIN = VCC = 3.0 V (10% lower tolerance on
3.3 V) and VD = 0.5 V both high-side and low-side gates will have at least 4.5 V of drive. The power dissipation of
the gate drive circuitry is directly proportional to gate drive voltage, hence the thermal limits of the LM2743 IC will
quickly be reached if this circuit is used with VCC or VIN voltages over 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com