Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2743MTC/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
PCAP =
(IRMS_RIP)
2 x ESR
n
2
IRMS_RIP = IOUT x
D(1 - D)
D =
VOUT + VSWL
VIN - VSWH + VSWL
20
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.1.2.2
Duty Cycle Calculation
The complete duty cycle for a buck converter is defined with Equation 16:
(16)
where VSWL and VSWH are the respective forward voltage drops that develop across the low side and high side
MOSFETs. Assuming the inductor ripple current is 20% to 30% of the output current, therefore:
VSWL = IOUT x RDS(ON)LOW (Low-Side MOSFET)
(17)
VSWH = IOUT x RDS(ON)HIGH (High-Side MOSFET)
(18)
To calculate the maximum duty cycle use the estimated 'hot' RDS(on) value of the MOSFETs, the minimum input
voltage, and maximum load. As shown in Figure 31, the worst case maximum duty cycles of the LM2743 occurs
at 125°C junction temperature vs VCC (IC control section voltage). Ensure that the operating duty cycle is below
the curve in Figure 31, if this condition is not satisfied, the system will be unable to develop the required duty
cycle to derive the necessary system power and so the output voltage will fall out of regulation.
Figure 31. Maximum Duty Cycle vs VCC
TJ = 125°C
8.2.1.2.3
Input Capacitor
The input capacitors in a Buck converter are subjected to high stress due to the input current trapezoidal
waveform. Input capacitors are selected for their ripple current capability and their ability to withstand the heat
generated since that ripple current passes through their ESR. Input rms ripple current is approximately:
(19)
The power dissipated by each input capacitor is:
(20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com