Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2743MTC/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
GEA-ACTUAL x OPG
HEA =
1 + GEA-ACTUAL+ OPG
Z1 =
RC2 +
1
sCC3
RC1 + RC2
1
sCC3
+
RC1
1
ZF =
sCC1
x 10,000 +
1
sCC2
10,000 +
1
sCC1
1
sCC2
+
GEA-ACTUAL =
ZF
ZI
1
RC2 =
2S x CC3 x fP1
= 2.55 k:
1
RC1 =
2S x CC2 x fZ1
= 39.8 k:
1
CC3 =
2S x 10,000
x
= 2.73 nF
1
fZ2
-
1
fP1
26
LM2743
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
(39)
(40)
(41)
In practice, a good trade off between phase margin and bandwidth can be obtained by selecting the closest
±10% capacitor values above what are suggested for CC1 and CC2, the closest ±10% capacitor value below the
suggestion for CC3, and the closest ±1% resistor values below the suggestions for RC1, RC2. Note that if the
suggested value for RC2 is less than 100Ω, it should be replaced by a short circuit. Following this guideline, the
compensation components will be:
CC1 = 27 pF ±10%
CC2 = 820 pF ±10%
CC3 = 2.7 nF ±10%
RC1 = 39.2 kΩ ±1%
RC2 = 2.55 kΩ ±1%
The transfer function of the compensation block can be derived by considering the compensation components as
impedance blocks ZF and ZI around an inverting op-amp:
(42)
(43)
(44)
As with the generic equation, GEA-ACTUAL must be modified to take into account the limited bandwidth of the error
amplifier. The result is:
(45)
The total control loop transfer function H is equal to the power stage transfer function multiplied by the error
amplifier transfer function.
H = GPS x HEA
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com