Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2743MTC/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
1
CC2 =
AEA x 10,000
- CC1 = 882 pF
fZ1
CC1 =
AEA x 10,000 x fP2
= 27 pF
100
1k
10k
100k
1M
FREQUENCY (Hz)
-100
-70
-40
-10
20
50
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
12
24
36
48
60
GEA x OPG
HEA =
1 + GEA + OPG
2S x 9 MHz
OPG =
s
25
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Typical Applications (continued)
In this equation, the variable AEA is a ratio of the values of the capacitance and resistance of the compensation
components, arranged as shown in Figure 32. AEA is selected to provide the desired bandwidth. A starting value
of 80,000 for AEA should give a conservative bandwidth. Increasing the value will increase the bandwidth, but will
also decrease phase margin. Designs with 45° to 60° are usually best because they represent a good trade-off
between bandwidth and phase margin. In general, phase margin is lowest and gain highest (worst-case) for
maximum input voltage and minimum output current. One method to select AEA is to use an iterative process
beginning with these worst-case conditions.
1. Increase AEA
2. Check overall bandwidth and phase margin
3. Change VIN to minimum and recheck overall bandwidth and phase margin
4. Change IO to maximum and recheck overall bandwidth and phase margin
The process ends when the both bandwidth and the phase margin are sufficiently high. For this example input
voltage can vary from 3.0 to 3.6 V and output current can vary from 0 to 4 A, and after a few iterations a
moderate gain factor of 101 dB is used.
The error amplifier of the LM2743 has a unity-gain bandwidth of 9 MHz. In order to model the effect of this
limitation, the open-loop gain can be calculated as:
(35)
The new error amplifier transfer function that takes into account unity-gain bandwidth is:
(36)
The gain and phase of the error amplifier are shown in Figure 36.
Figure 35. Gain vs Frequency
Figure 36. Error Amplifier Gain and Phase
In VM regulators, the top feedback resistor RFB2 forms a part of the compensation. Setting RFB2 to 10 kΩ, ±1%
usually gives values for the other compensation resistors and capacitors that fall within a reasonable range.
(Capacitances > 1 pF, resistances < 1 M
Ω) CC1, CC2, CC3, RC1, and RC2 are selected to provide the poles and
zeroes at the desired frequencies, using the following equations:
(37)
(38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com