Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4940TS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4940TS/NOPB Datasheet HTML 1Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 2Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 3Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM4940
www.ti.com
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
EXTERNAL COMPONENTS DESCRIPTION
Refer to Figure 1.
Components
Functional Description
This is the inverting input resistance that, along with RF, sets the closed-loop gain. Input resistance RIN and input
1.
RIN
capacitance CIN form a high pass filter.
The filter's cutoff frequency is fC = 1/(2πRINCIN).
This is the input coupling capacitor. It blocks DC voltage at the amplifier's inverting input. CIN and RIN create a
2.
CIN
highpass filter. The filter's cutoff frequency is fC = 1/(2πRINCIN). Refer to the SELECTING EXTERNAL
COMPONENTS section for an explanation of determining CIN's value.
3.
RF
This is the feedback resistance that, along with Ri, sets closed-loop gain.
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about properly
4.
CS
placing, and selecting the value of, this capacitor.
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the SELECTING EXTERNAL
5.
CBYPASS
COMPONENTS for information about properly placing, and selecting the value of, this capacitor.
This is the output coupling capacitor. It blocks the nominal VDD/2 voltage present at the output and prevents it
6.
COUT
from reaching the load. COUT and RL form a high pass filter whose cutoff frequency is fC = 1/(2πRLCOUT). Refer to
the SELECTING EXTERNAL COMPONENTS section for an explanation of determining COUT's value.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com