Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4940TS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4940TS/NOPB Datasheet HTML 2Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 3Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM4940
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Frequency
THD+N vs Frequency
VDD = 12V, RL = 4Ω, SE operation,
VDD = 12V, RL = 4Ω, SE operation,
both channels driven and loaded (average shown)
both channels driven and loaded (average shown),
POUT = 1W, AV = 1
POUT = 2.5W, AV = 1
Figure 3.
Figure 4.
THD+N vs Frequency
THD+N vs Output Power
VDD = 12V, RL = 8Ω, SE operation,
VDD = 14.4V, RL = 4Ω, SE operation, AV = 1
both channels driven and loaded (average shown),
single channel driven/single channel measured,
POUT = 1W, AV = 1
fIN = 1kHz
Figure 5.
Figure 6.
THD+N vs Output Power
THD+N vs Output Power
VDD = 12V, RL = 4Ω, SE operation, AV = 1
VDD = 12V, RL = 8Ω, SE operation, AV = 1
single channel driven/single channel measured,
single channel driven/single channel measured,
fIN = 1kHz
fIN = 1kHz
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com