Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4940TS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4940TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 10Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 11Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LM4940
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Power vs Power Supply Voltage
Power Supply Rejection vs Frequency
RL = 16Ω, SE operation, fIN = 1kHz,
VDD = 12V, RL = 8Ω, SE operation,
both channels driven and loaded (average shown),
VRIPPLE = 200mVp-p, at (from top to bottom at 60Hz):
at (from top to bottom at 12V): THD+N = 10%,
CBYPASS = 1µF, CBYPASS = 4.7µF, CBYPASS = 10µF
THD+N = 1%
Figure 15.
Figure 16.
Power Supply Rejection vs Frequency
Total Power Dissipation vs Load Dissipation
VDD = 12V, SE operation, fIN = 1kHz,
VDD = 12V, RL = 8Ω, SE operation, VRIPPLE = 200mVp-p,
at (from top to bottom at 1W):
AV = 10, at (from top to bottom at 60Hz):
RL = 4Ω, RL = 8Ω
CBYPASS = 1µF, CBYPASS = 4.7µF, CBYPASS = 10µF
Figure 17.
Figure 18.
Output Power vs Load Resistance
Channel-to-Channel Crosstalk vs Frequency
VDD = 12V, SE operation, fIN = 1kHz,
VDD = 12V, RL = 4Ω, POUT = 1W, SE operation,
both channels driven and loaded,
at (from top to bottom at 1kHz): VINB driven,
at (from top to bottom at 15
Ω):
VOUTA measured; VINA driven, VOUTB measured
THD+N = 10%, THD+N = 1%
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com