Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4940TS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 10Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 11Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 12Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM4940
www.ti.com
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Channel-to-Channel Crosstalk vs Frequency
Power Supply Current vs Power Supply Voltage
RL = 4Ω, SE operation
VDD = 12V, RL = 8Ω, POUT = 1W, SE operation,
VIN = 0V, RSOURCE = 50Ω
at (from top to bottom at 1kHz): VINB driven,
VOUTA measured; VINA driven, VOUTB measured
Figure 21.
Figure 22.
Clipping Voltage vs Power Supply Voltage
Clipping Voltage vs Power Supply Voltage
RL = 4Ω, SE operation, fIN = 1kHz
RL = 8Ω, SE operation, fIN = 1kHz
both channels driven and loaded,
both channels driven and loaded,
at (from top to bottom at 13V):
at (from top to bottom at 13V):
negative signal swing, positive signal swing
negative signal swing, positive signal swing
Figure 23.
Figure 24.
Power Dissipation vs Ambient Temperature
VDD = 12V, RL = 8Ω (SE), fIN = 1kHz,
(from top to bottom at 120°C):
16in2 copper plane heatsink area,
8in2 copper plane heatsink area
Figure 25.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com