Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109ASDX/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5109ASDX/NOPB Datasheet HTML 21Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 22Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 23Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 24Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 25Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 26Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 27Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 28Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.05) TYP
(1.31)
(0.675)
8X (0.3)
8X (0.6)
(1.15)
(3.8)
(0.755)
6X (0.8)
WSON - 0.8 mm max height
NGT0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214935/A 08/2020
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 9:
77% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
4
5
8
METAL
TYP
SYMM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com