Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109ASDX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5109ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LI
HI
tHPLH
tLPLH
tHPHL
tLPHL
LO
HO
LI
HI
tMOFF
tMON
LO
HO
5
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1). Typical limits are for T
J = 25°C, and
minimum and maximum limits apply over the operating junction temperature range (–40°C to 125°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHBH
HB threshold hysteresis
0.4
V
LO GATE DRIVER
VOLL
Low-level output voltage
ILO = 100 mA, VOHL = VLO – VSS
0.38
0.65
V
VOHL
High-level output voltage
ILO = −100 mA, VOHL = VDD – VLO
0.72
1.20
V
IOHL
Peak pullup current
VLO = 0V
1.0
A
IOLL
Peak pulldown current
VLO = 12V
1.0
A
HO GATE DRIVER
VOLH
Low-level output voltage
IHO = 100 mA, VOLH = VHO – VHS
0.38
0.65
V
VOHH
High-level output voltage
IHO = −100 mA, VOHH = VHB – VHO
0.72
1.20
V
IOHH
Peak pullup current
VHO = 0V
1.0
A
IOLH
Peak pulldown current
VHO = 12V
1.0
A
6.6 Switching Characteristics
Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO. Typical limits are for TJ = 25°C, and
minimum and maximum limits apply over the operating junction temperature range (–40°C to 125°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tLPHL
Lower turn-off propagation delay
(LI falling to LO falling)
30
56
ns
tHPHL
Upper turn-off propagation delay
(HI falling to HO falling)
30
56
ns
tLPLH
Lower turn-on propagation delay
(LI rising to LO rising)
32
56
ns
tHPLH
Upper turn-on propagation delay
(HI rising to HO rising)
32
56
ns
tMON
Delay matching: lower turn-on and upper
turn-off
2
15
ns
tMOFF
Delay matching: lower turn-off and upper
turn-on
2
15
ns
tRC, tFC
Either output rise or fall time
CL = 1000 pF
15
-
ns
tPW
Minimum input pulse width that changes
the output
50
ns
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com