Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109ASDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5109ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) (1)
±1500
V
(1)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed –1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD – 15V. For example, if
VDD = 10V, the negative transients at HS must not exceed –5V.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
8
14
V
HS(1)
−1
90
V
HB
VHS + 8
VHS + 14
V
HS Slew Rate
< 50
V/ns
Junction Temperature
−40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM5109A
UNIT
D (SOIC)
NGT (WSON)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
117.6
42.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.9
34
°C/W
RθJB
Junction-to-board thermal resistance
58.1
19.3
°C/W
ψJT
Junction-to-top characterization parameter
17.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
57.6
19.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
–
8.1
°C/W
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6.5 Electrical Characteristics
Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1). Typical limits are for T
J = 25°C, and
minimum and maximum limits apply over the operating junction temperature range (–40°C to 125°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
IDD
VDD quiescent current
LI = HI = 0V
0.3
0.6
mA
IDDO
VDD operating current
f = 500 kHz
1.8
2.9
mA
IHB
Total HB quiescent current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB operating current
f = 500 kHz
1.4
2.8
mA
IHBS
HB to VSS current, quiescent
VHS = VHB = 90V
0.1
10
µA
IHBSO
HB to VSS current, operating
f = 500 kHz
0.5
mA
INPUT PINS LI and HI
VIL
Low-level input voltage threshold
0.8
1.8
V
VIH
High-level input voltage threshold
1.8
2.2
V
RI
Input pulldown resistance
100
200
500
k
Ω
UNDER-VOLTAGE PROTECTION
VDDR
VDD rising threshold
VDDR = VDD – VSS
6.0
6.7
7.4
V
VDDH
VDD threshold hysteresis
0.5
V
VHBR
HB rising threshold
VHBR = VHB – VHS
5.7
6.6
7.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com