Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109ASDX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 11Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 12Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
HO is measured with respect to the HS.
(2)
LO is measured with respect to the VSS.
7.3.3 Output Stages
The output stages are the interface to the power MOSFETs in the power train. High slew rate, low resistance,
and high-peak current capability of both outputs allow for efficient switching of the power MOSFETs. The low-
side output stage is referenced to VSS and the high-side is referenced to HS.
7.4 Device Functional Modes
The device operates in normal mode and UVLO mode. See Start-Up and UVLO for more information on UVLO
operation mode. In normal mode when the VDD and VHB–HS are above UVLO threshold, the output stage is
dependent on the states of the HI and LI pins. The output HO and LO will be low if input state is floating.
Table 1. INPUT and OUTPUT Logic Table
HI
LI
HO(1)
LO(2)
L
L
L
L
L
H
L
H
H
L
H
L
H
H
H
H
Floating
Floating
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com