Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6672MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6672MA/NOPB
Description  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6672MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
LMH6672
www.ti.com
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
5 Pin Configuration and Functions
8-Pin
SOIC (D) / SO PowerPAD (DDA)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
OUT A
O
ChA Output
2
-IN A
I
ChA Inverting Input
3
+IN A
I
ChA Non-inverting Input
4
V-
I
Negative Supply
5
+IN B
I
ChB Non-inverting Input
6
-IN B
I
ChB Inverting Input
7
OUT B
O
ChB Output
8
V+
I
Positive Supply
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com