Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6672MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6672MA/NOPB
Description  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6672MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
-
+
+
Note: Supply and Bypassing not shown.
1/2
LMH6672
-
Rf1
VIN
Rf2
+
-
1/2
LMH6672
AV
VIN
.
RO
12.5
1:N
(1.2)
RO
12.5
-
(VPP)
Rg
VOUT
RL = 100:
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6672
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
LMH6672 Dual, High Output Current, High Speed Op Amp
1 Features
2 Applications
1
•
High Output Drive
•
ADSL PCI Modem Cards
•
xDSL External Modems
–
19.2 VPP Differential Output Voltage,
RL = 50 Ω
•
Line Drivers
–
9.6 VPP Single-ended Output Voltage,
3 Description
RL = 25 Ω
The LMH6672 is a low cost, dual high speed op amp
•
High Output Current
capable of driving signals to within 1 V of the power
–
±200 mA @ VO = 9 VPP, VS = 12 V
supply rails. It features the high output drive with low
•
Low Distortion
distortion required for the demanding application of a
single supply xDSL line driver.
–
105 dB SFDR @ 100 kHz, VO = 8.4 VPP,
RL = 25Ω
When connected as a differential output driver, the
–
98 dB SFDR @ 1MHz, VO = 2 VPP,
LMH6672 can drive a 50-
Ω load to 16.8 VPP swing
RL = 100 Ω
with only
−98 dBc distortion, fully supporting the peak
upstream power levels for upstream full-rate ADSL.
•
High Speed
The LMH6672 is fully specified for operation with 5-V
–
90 MHz 3 dB Bandwidth (G = 2)
and 12-V supplies. Ideal for PCI modem cards and
–
135 V/µs Slew Rate
xDSL modems.
•
Low Noise
Device Information(1)
–
3.1 nV/
√Hz: Input Noise Voltage
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
1.8 pA/
√Hz: Input Noise Current
LMH6672
SOIC (8)
4.89 mm × 3.90 mm
•
Low Supply Current: 7.2mA/amp
(1) For all available packages, see the orderable addendum at
•
Single-supply Operation: 5 V to 12 V
the end of the datasheet.
•
Stable for Gain of +2V/V or Higher
•
Available in 8-pin SOIC and SO PowerPAD (DDA)
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6672MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6672MA/NOPB TI1-LMH6672MA/NOPB Datasheet
1Mb / 29P
LMH6672 Dual, High Output Current, High Speed Op Amp
More results

Similar Description - LMH6672MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
High Speed, Low Power Dual Op Amp
REV.B
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
HIGH-SPEED OUTPUT CLAMPING OP AMP
logo
Analog Devices
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD644JH AD-AD644JH Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
logo
Texas Instruments
ALM2402-Q1 TI1-ALM2402-Q1_15 Datasheet
1Mb / 32P
Dual Op-amp with High Current Output
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
LMH6672 Dual, High Output Current, High Speed Op Amp
logo
Analog Devices
AD827 AD-AD827_17 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com