Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6672MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6672MA/NOPB
Description  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6672MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMH6672
www.ti.com
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
6.5 Electrical Characteristics
Unless otherwise specified, all limits are ensured for G = +2, VS = ±2.5 to ±6V, RF = RIN = 470Ω, RL = 100Ω.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
DYNAMIC PERFORMANCE
−3dB Bandwidth
90
MHz
0.1dB Bandwidth
VS = ±6V
12
MHz
Slew Rate
VS = ±6V, 4V Step, 10-90%
135
V/
μs
Rise and Fall Time
VS = 6V, 4V Step, 10-90%
23.5
ns
DISTORTION and NOISE RESPONSE
2nd Harmonic Distortion
VO = 8.4 VPP, f = 100 kHz, RL = 25Ω
−105
dBc
VO = 8.4 VPP, f = 1 MHz, RL = 100Ω
−90
dBc
3rd Harmonic Distortion
VO = 8.4 VPP, f = 100 kHz, RL = 25Ω
−110
dBc
VO = 8.4 VPP, f = 1 MHz, RL = 100Ω
−87
dBc
Input Noise Voltage
f = 100 kHz
3.1
nV
√Hz
Input Noise Current
f = 100 kHz
1.8
pA/
√Hz
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
TJ = −40°C to 125°C
−5.5
0.1
5.5
mV
−4
−0.2
4
IB
Input Bias Current
TJ = −40°C to 125°C
8
16
µA
IOS
Input Offset Current
TJ = −40°C to 125°C
−2.1
0
2.1
µA
CMVR
Common Voltage Range
VS = ±6V
−6.0 −5.7 to 4.5
4.5
V
CMRR
Common-Mode Rejection Ratio
VS = ±6V, TJ = −40°C to 125°C
150
7.5
µV/V
TRANSFER CHARACTERISTICS
AVOL
Voltage Gain
RL = 1k, TJ = −40°C to 125°C
1.0
5
V/mV
RL = 25Ω, TJ = −40°C to 125°C
0.67
3.4
V/mV
VO
Output Swing
RL = 25Ω, VS = ±6V
−4.5
±4.8
4.5
V
RL = 25Ω, TJ = −40°C to 125°C,
−4.4
±4.8
4.4
VS = ±6V
VO
Output Swing
RL = 1k, VS = ±6V
−4.8
±4.8
4.8
V
RL = 1k, TJ = −40°C to 125°C,
−4.7
±4.8
4.7
VS = ±6V
ISC
Output Current(3)
VO = 0, VS = ±6V
350
525
mA
VO = 0, VS = ±6V,
mA
260
600
TJ = −40°C to 125°C
POWER SUPPLY
IS
Supply Current/Amp
VS = ±6V
8
mA
VS = ±6V, TJ = −40°C to 125°C
7.2
9
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±6V,
dB
72
88.5
TJ = −40°C to 125°C
(1)
All limits are specified by testing, characterization or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Shorting the output to either supply or ground will exceed the absolute maximum TJ and can result in failure.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com