Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6672MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6672MA/NOPB
Description  LMH6672 Dual, High Output Current, High Speed Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6672MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6672MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6672MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH6672
SNOS957H – APRIL 2001 – REVISED AUGUST 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN Differential
±1.2
V
Output Short Circuit Duration
See(2)
Supply Voltage (V+
− V−)
13.2
V
V+ +0.8
Voltage at Input/Output pins
V
V−
−0.8
Junction Temperature
+150(3)
°C
Soldering Information
Infrared or Convection (20 sec)
235
°C
Wave Soldering (10 sec)
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Shorting the output to either supply or ground will exceed the absolute maximum TJ and can result in failure.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/RθJA. All numbers apply for packages soldered directly onto a PC board.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
2000
pins(2)
V(ESD)
Electrostatic discharge(1)
V
Machine Model (MM)l(3)
200
(1)
Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 200 Ω in series with 100 pF.
(2)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 200-V MM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage (V+ - V−)
±2.5
±6.5
V
Operating Temperature Range
−40
150
°C
6.4 Thermal Information
SOIC
SO PowerPAD
Package D
Package DDA
THERMAL METRIC(1)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
172
58.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com