Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB15-P9 Datasheet(PDF) 6 Page - Amphenol PCD, Inc

Part # TV10DB15-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB15-P9 Datasheet(HTML) 6 Page - Amphenol PCD, Inc

Back Button TV10DB15-P9 Datasheet HTML 2Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 10Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
Environmental:
Operating Temperature: –65°C to +175°C
Salt Spray:
Metallized: Electroless Nickel: 48 hours
Anodic Coating, O. D. Cadmium, Durmalon,
Zinc Nickel: 500 hours
Salt Spray Composite: Electroless Nickel: 1000 hours
O. D. Cadmium, Durmalon, Zinc Nickel: 500 hours
TECHNICAL DATA
WALL MOUNTING RECEPTACLE
TVP00(
) - CRIMP, METAL
CTVP00(
) - CRIMP, COMPOSITE
M
.005
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R 2
V THREAD
AA
B
THREAD
LL (TV)
LL (CTV)
1
M (TV)
M (CTV)
1
L (TV)
L (CTV)
1
1.240 MAX
RED
BAND†
BLUE
BAND††
–A–
Z (TV)
Z (CTV)
1
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P-0.3L-
TS (Plated)
L
Max.
(TV)
L1 Max.
(CTV)
M
+.000
–.005
(TV)
M1 +.000
–.005
(CTV)
R1
R2
S
Max.
T
±.008
Z.
Max.
(TV)
Z1
Max.
(CTV)
A1 Back
Panel
Mount
A2
Front
Panel
Mount
AA Max.
Panel
Thickness
LL
+.006
–.000
(TV)
LL1
±.005
(CTV)
TT
±.008
9
A
.6250
.469
.520
.820
.773
.719
.594
.948 .128
.153
.198
.650
.510
.234
.905
.908
.216
11
B
.7500
.469
.520
.820
.773
.812
.719 1.043 .128
.153
.198
.800
.620
.234
.905
.908
.194
13
C
.8750
.469
.520
.820
.773
.906
.812 1.137 .128
.153
.198
.910
.740
.234
.905
.908
.194
15
D
1.0000
.469
.520
.820
.773
.969
.906 1.232 .128
.153
.198
1.040
.900
.234
.905
.908
.173
17
E
1.1875
.469
.520
.820
.773
1.062
.969 1.323 .128
.153
.198
1.210
1.010
.234
.905
.908
.194
19
F
1.2500
.469
.520
.820
.773
1.156 1.062 1.449 .128
.153
.198
1.280
1.130
.234
.905
.908
.194
21
G
1.3750
.500
.552
.790
.741
1.250 1.156 1.575 .128
.183
.228
1.410
1.250
.204
.905
.904
.194
23
H
1.5000
.500
.552
.790
.741
1.375 1.250 1.701 .154
.183
.228
1.530
1.360
.204
.905
.904
.242
25
J
1.6250
.500
.552
.790
.741
1.500 1.375 1.823 .154
.183
.228
1.660
1.470
.204
.905
.904
.242
See how to build a part number on pages 2
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com