Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB15-P9 Datasheet(PDF) 10 Page - Amphenol PCD, Inc

Part # TV10DB15-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB15-P9 Datasheet(HTML) 10 Page - Amphenol PCD, Inc

Back Button TV10DB15-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 10Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 11Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 12Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
JAM NUT DOUBLE FLANGE RECEPTACLE
(PRINTED CIRCUIT BOARD MOUNT)
TV47(
) - CRIMP, METAL
CTV47(
) - CRIMP, COMPOSITE
S
C
H
HEX
.673 ±.002
CO NTACT
STICKOUT*
.019 ±.001
V
M
.889 MAX.
B THREAD
R THREAD
.062-.125
PANEL THICKNESS
(4)CO RROSION RESISTANT STEEL
.112-40 UNC-3B INSERTS
.005 M
45
°
RED
BAND †
BLUE
BAND
††
W
2 PLACES
JAM NUT
D-HOLE
MOUNTING
D1
D2
Shell
Size
MS Shell
Size Code
B Thread Class
2A 0.1P-0.3L-TS
(Plated)
C
±.005
(Jam Nut
Flange
Dia.
D1
+.010
–.000
D2
+.000
–.010
H
Hex
+.017
–.016
M
Dia.
±.005
R
Thread
Metric
(Plated)
S
+.011
–.010
PCB Mounting
Dimensions
V Dia. (TV)
TP
W (CTV)
TP
9
A
.6250
1.188
.700
.670
.875
1.016
M17X1-6g0.100R
1.062
.753
.532
11
B
.7500
1.375
.825
.770
1.000
1.148
M20X1-6g0.100R
1.250
.850
.601
13
C
.8750
1.500
1.010
.955
1.188
1.250
M25X1-6g0.100R
1.375
.994
.703
15
D
1.0000
1.625
1.135
1.085
1.312
1.375
M28X1-6g0.100R
1.500
1.119
.791
17
E
1.1875
1.750
1.260
1.210
1.438
1.500
M32X1-6g0.100R
1.625
1.237
.875
19
F
1.2500
1.937
1.385
1.335
1.562
1.625
M35X1-6g0.100R
1.812
1.379
.975
21
G
1.3750
2.062
1.510
1.460
1.688
1.750
M38X1-6g0.100R
1.937
1.489
1.053
23
H
1.5000
2.188
1.635
1.585
1.812
1.875
M41X1-6g0.100R
2.062
1.644
1.145
25
J
1.6250
2.312
1.760
1.710
2.000
2.000
M44X1-6g0.100R
2.188
1.744
1.233
See how to build a part number on pages 2
* Contact stickout dimension: see Step 7 of how to order on page 2.
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
H .059 dia. min., 3 lockwire holes. Formed lockwire hole design (6 holes) is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com