Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB15-P9 Datasheet(PDF) 7 Page - Amphenol PCD, Inc

Part # TV10DB15-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB15-P9 Datasheet(HTML) 7 Page - Amphenol PCD, Inc

Back Button TV10DB15-P9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 10Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 11Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
.005 M
(4)CO RROSION RESISTANT STEEL
.112-40 UNC-3B INSERTS
A
T
W
2 PLACES
B THREAD
M (TV)
M
(CTV)
.673 ±.002
CO NTACT
STICKOUT*
.019 ±.001
AA
RED
BAND †
BLUE
BAND ††
1
S
2 PLACES
R
.005 M
(4)CO RROSION RESISTANT STEEL
.112-40 UNC-3B SELF-LO CKING
CLINCH NUTS PER MIL-N-45938/6-4C,
M45938/6-6C EXCEPT SHELL SIZES 23 & 25
TV40 .138-32 UNC-3B PER MIL-N-45938/7-2P,
M45938/7-4P EXCEPT FO R SHELL SIZES 23 & 25
2 PLACES
45°
See how to build a part number on pages 2
* Contact stickout dimension: see Step 7 of how to order on page 2.
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
WALL MOUNTING DOUBLE FLANGE
(PRINTED CIRCUIT BOARD MOUNT)
TVP40(
) - CRIMP, METAL
CTVP40(
) - CRIMP, COMPOSITE
Shell
Size
MS Shell
Size Code
A
Dia.
±.005
(TV)
A
Dia.
±.005
(CTV)
B Thread
Class 2A
0.1P-0.3L-TS
(Plated)
M
+.000
–.005
(TV)
M1
±.003
(CTV)
R
(Panel
Mount)
(CTV)
R
(Panel
Mount
(TV)
S
Max.
(TV)
S
Max.
(CTV)
AA Max.
Panel
Thickness
PCB Mounting
Dimensions
T Dia. (TV)
TP
W (CTV)
TP
9
A
1.016
1.016
.6250
.820
.770
.719
NA
1.094
.949
.234
.752
.532
11
B
1.062
1.148
.7500
.820
.770
.812
.766
1.187
1.042
.234
.850
.601
13
C
1.250
1.250
.8750
.820
.770
.906
.859
1.281
1.136
.234
.994
.703
15
D
1.375
1.375
1.0000
.820
.770
.969
.938
1.344
1.230
.234
1.119
.791
17
E
1.500
1.500
1.1875
.820
.770
1.062
1.016
1.437
1.323
.234
1.237
.875
19
F
1.625
1.625
1.2500
.820
.770
1.156
1.110
1.531
1.449
.234
1.379
.975
21
G
1.750
1.750
1.3750
.820
.738
1.250
1.206
1.625
1.573
.204
1.489
1.053
23
H
1.875
1.875
1.5000
.820
.738
1.375
1.312
1.750
1.699
.204
1.619
1.195
25
J
2.000
2.000
1.6250
.820
.738
1.500
1.438
1.875
1.823
.204
1.744
1.233
LINE RECEPTACLE
TV01(
) - CRIMP, METAL
CTV01(
) - CRIMP, COMPOSITE
GG (TV)
GG (CTV)
1
S (TV)
S (CTV)
2 PLACES
1
B
THREAD
LL (TV)
LL (CTV)
1
1
M (TV)
M (CTV)
.280 MIN FULL THD
L (TV)
L (CTV)
1
Z (TV)
Z (CTV)
1
1.240 MAX
V THREAD
–A–
RED
BAND †
BLUE
BAND††
See how to build a part number on pages 2 & 3
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
Shell
Size
MS Shell
Size
Code
B Thread
0.1P-0.3L-TS-2A
(Plated)
M
+.000
–.005
(TV)
M1
+.000
–.005
(CTV)
L
Max.
(TV)
L1
Max.
(CTV)
S
±.010
(TV)
S1
±.010
(CTV)
Z Max
(TV)
Z1 Max
(CTV)
GG
±.010
(TV)
GG1
±.010
(CTV)
LL
+.006
–.000
(TV)
LL1
±.005
(CTV)
9
A
.6250
.820
.773
.469
.520
.675
.635
.153
.198
.812
.699
.905
.908
11
B
.7500
.820
.773
.469
.520
.800
.765
.153
.198
.905
.875
.905
.908
13
C
.8750
.820
.773
.469
.520
.925
.885
.153
.198
1.093
1.007
.905
.908
15
D
1.0000
.820
.773
.469
.520
1.050
1.100
.153
.198
1.219
1.140
.905
.908
17
E
1.1875
.820
.773
.469
.520
1.238
1.197
.153
.198
1.375
1.229
.905
.908
19
F
1.2500
.820
.773
.469
.520
1.300
1.260
.153
.198
1.469
1.380
.905
.908
21
G
1.3750
.790
.741
.500
.552
1.425
1.385
.183
.228
1.625
1.493
.905
.904
23
H
1.5000
.790
.741
.500
.552
1.550
1.510
.183
.228
1.750
1.626
.905
.904
25
J
1.6250
.790
.741
.500
.552
1.675
1.635
.183
.228
1.875
1.777
.905
.904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com