Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB15-P9 Datasheet(PDF) 9 Page - Amphenol PCD, Inc

Part # TV10DB15-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB15-P9 Datasheet(HTML) 9 Page - Amphenol PCD, Inc

Back Button TV10DB15-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 10Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 11Page - Amphenol PCD, Inc TV10DB15-P9 Datasheet HTML 12Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
JAM NUT RECEPTACLE
TV07(
) - CRIMP, METAL
CTV07(
) - CRIMP, COMPOSITE
Shell
Size
MS Shell
Size Code
B Thread Class
2A 0.1P-0.3L-TS
(Plated)
C Max.
D1
+.010
–.000
D2
+.000
–.010
H Hex
+.017
–.016
S
±.010
V Thread
Metric
R Thread
(Plated)
9-7543
9
A
.6250
1.199
.693
.657
.875
1.062
M12X1-6g
M17X1-6g
11
B
.7500
1.386
.825
.770
1.000
1.250
M15X1-6g
M20X1-6g
13
C
.8750
1.511
1.010
.955
1.188
1.375
M18X1-6g
M25X1-6g
15
D
1.0000
1.636
1.135
1.085
1.312
1.500
M22X1-6g
M28X1-6g
17
E
1.1875
1.761
1.260
1.210
1.438
1.625
M25X1-6g
M32X1-6g
19
F
1.2500
1.949
1.385
1.335
1.562
1.812
M28X1-6g
M35X1-6g
21
G
1.3750
2.073
1.510
1.460
1.688
1.938
M31X1-6g
M38X1-6g
23
H
1.5000
2.199
1.635
1.585
1.812
2.062
M34X1-6g
M41X1-6g
25
J
1.6250
2.323
1.760
1.710
2.000
2.188
M37X1-6g
M44X1-6g
REDUCED FLANGE JAM NUT RECEPTACLE
TV97(
) - CRIMP, METAL
C DIA.
A
M
B THREAD
R THREAD
‘O’ RING
.125
±.005
.094
±.005
4 PLACES
LOCK WIRE HOLES
4 PLACES
.062 –.125
PANEL THICKNESS
1.220 REF.
+.005
–.000
.043
BLUE BAND†
RED
BAND†
JAM NUT
D-HOLE
MOUNTING
D1
D2
Shell
Size
MS Shell
Size Code
B Thread Class
2A 0.1P-0.3L-TS
(Plated)
A
+.010
–.005
C Dia.
Max.
D1
+.010
–.000
D2
+.000
–.010
M
R Thread
(Plated)
9-7543
9
A
.6250
.104
.915
.693
.657
.871
M17X1-6g
11
B
.7500
.104
1.042
.825
.770
.871
M20X1-6g
13
C
.8750
.104
1.240
1.010
.955
.878
M25X1-6g
15
D
1.0000
.104
1.357
1.135
1.085
.878
M28X1-6g
17
E
1.1875
.104
1.630
1.260
1.210
.878
M32X1-6g
19
F
1.2500
.135
1.816
1.385
1.335
.878
M35X1-6g
21
G
1.3750
.135
1.942
1.510
1.460
.878
M38X1-6g
23
H
1.5000
.135
2.067
1.635
1.585
.878
M41X1-6g
25
J
1.6250
.135
2.190
1.760
1.710
.878
M44X1-6g
C
H
S
2 PLACES
PANEL THICKNESS
.062 MIN .125 MAX
BLUE BAND ††
.418 MAX
1.280 MAX
K REF
SHELL SIZES 9/11 –
.871
SHELL SIZES 13/25 –
.878
.091 MAX
B THREAD
V THREAD
R THREAD
RED
BAND †
–A–
‘O’RING
JAM NUT
D-HOLE
MOUNTING
D1
D2
See how to build a part number on pages 2
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
H .059 dia. min., 3 lockwire holes. Formed lockwire hole design (6 holes) is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com