Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7296 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7296_V01 Datasheet HTML 1Page - STMicroelectronics TDA7296_V01 Datasheet HTML 2Page - STMicroelectronics TDA7296_V01 Datasheet HTML 3Page - STMicroelectronics TDA7296_V01 Datasheet HTML 4Page - STMicroelectronics TDA7296_V01 Datasheet HTML 5Page - STMicroelectronics TDA7296_V01 Datasheet HTML 6Page - STMicroelectronics TDA7296_V01 Datasheet HTML 7Page - STMicroelectronics TDA7296_V01 Datasheet HTML 8Page - STMicroelectronics TDA7296_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage (no signal)
±35
V
IO
Output peak current
5
A
Ptot
Power dissipation Tcase= 70 °C
50
W
Top
Operating ambient temperature range
0 to 70
°C
Tstg
Storage temperature
150
°C
Tj
Junction temperature
°C
Table 2. Thermal data
Symbol
Parameter
Typ.
Max.
Unit
Rth-jcase
Thermal resistance junction-case
1
1.5
°C/W
TDA7296
Maximum ratings
DS0179 - Rev 11
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com