Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7296 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7296_V01 Datasheet HTML 15Page - STMicroelectronics TDA7296_V01 Datasheet HTML 16Page - STMicroelectronics TDA7296_V01 Datasheet HTML 17Page - STMicroelectronics TDA7296_V01 Datasheet HTML 18Page - STMicroelectronics TDA7296_V01 Datasheet HTML 19Page - STMicroelectronics TDA7296_V01 Datasheet HTML 20Page - STMicroelectronics TDA7296_V01 Datasheet HTML 21Page - STMicroelectronics TDA7296_V01 Datasheet HTML 22Page - STMicroelectronics TDA7296_V01 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Table 5. Multiwatt 15 leads package mechanical data
Symbol
Milimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.42
4.50
4.58
.174
.177
.180
B
2.45
2.55
2.65
.096
.100
.104
C
1.490
1.515
1.540
.059
.060
.061
D
1.00
.040
E
0.490
0.515
0.540
.020
.019
.021
F
0.66
0.70
0.72
.026
.028
.029
G
1.12
1.27
1.42
.044
.050
.056
G1
17.63
17.78
17.93
.694
.700
.706
H1
19.65
19.85
20.05
.774
.781
.789
H2
19.90
20.00
20.10
.783
.787
.791
L
22.00
22.20
22.40
.866
.874
.882
L1
21.90
22.10
22.30
.862
.870
.878
L2
17.75
17.88
18.00
.699
.704
.709
L3
17.40
17.50
17.60
.685
.689
.693
L4
10.60
10.70
10.80
.417
.421
.425
L7
2.77
2.80
2.85
.109
.110
.112
M
4.40
4.55
4.70
.173
.179
.185
M1
4.93
5.08
5.23
.194
.200
.206
N
4.60
.179
N1
13.0
.512
P
1.20
.047
Q
0.20
.008
R
0.60
1.20
.023
.047
R1
1.90
.077
R2
0.40
.016
S
2.10
2.25
2.40
.083
.089
.094
S1
2.10
2.25
2.40
.083
.089
.094
V
5d
5d
Diam.1
3.70
3.75
3.80
.146
.148
.150
Diam.2
2.00
.079
TDA7296
Multiwatt 15 leads package information
DS0179 - Rev 11
page 20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com