Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7296 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7296_V01 Datasheet HTML 2Page - STMicroelectronics TDA7296_V01 Datasheet HTML 3Page - STMicroelectronics TDA7296_V01 Datasheet HTML 4Page - STMicroelectronics TDA7296_V01 Datasheet HTML 5Page - STMicroelectronics TDA7296_V01 Datasheet HTML 6Page - STMicroelectronics TDA7296_V01 Datasheet HTML 7Page - STMicroelectronics TDA7296_V01 Datasheet HTML 8Page - STMicroelectronics TDA7296_V01 Datasheet HTML 9Page - STMicroelectronics TDA7296_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5
Electrical characteristics
Refer to the test circuit VS = ±24 V, RL = 8 Ω, GV = 30 dB; Rg = 50 Ω; Tamb = 25 °C, f = 1 kHz; unless otherwise
specified.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VS
Supply range
±10
±35
V
Iq
Quiescent current
20
30
65
mA
Ib
Input bias current
500
nA
VOS
Input offset voltage
-10
10
mV
IOS
Input offset current
-100
100
nA
Po
RMS continuous output power
d = 05%
VS = ± 24 V, RL = 8 Ω
27
30
W
d = 05%
VS = ± 21 V, RL = 6 Ω
27
30
d = 05%
VS = ± 18 V, RL = 4 Ω
27
30
W
Music power (RMS)
Δt = 1 s(1)
d = 10%
VS = ± 29 V, RL = 8 Ω
60
d = 10%
VS = ± 24 V, RL = 6 Ω
60
d = 10%
VS = ± 22 V, RL = 4 Ω
60
d
Total harmonic distortion(2)
PO = 5 W; f = 1 kHz
0.005
%
PO = 0.1 to 20 W; f = 20 Hz to 20 kHz
0.1
VS = ± 18 V, RL = 4 Ω; PO = 5 W; f = 1 kHz
0.01
VS = ± 18 V, RL = 4 Ω; PO = 0.1 to 20 W; f = 20 Hz to 20
kHz
0.1
SR
Slew rate
7
10
V/µs
GV
Open loop voltage gain
80
dB
Closed loop voltage gain
24
30
40
eN
Total input noise
A= curve
1
µV
f= 20 Hz to 20 kHz
2
5
fL, fH
Frequency response (-3 dB)
PO=1 W
20 Hz to 20 kHz
RI
Input resistance
100
kΩ
SVR
Supply voltage rejection
f = 100 Hz; Vripple = 0.5 Vrms
60
75
db
TS
Thermal shutdown
145
°C
Standby function ( Ref: -Vs or GND)
TDA7296
Electrical characteristics
DS0179 - Rev 11
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com