Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7296 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7296_V01 Datasheet HTML 13Page - STMicroelectronics TDA7296_V01 Datasheet HTML 14Page - STMicroelectronics TDA7296_V01 Datasheet HTML 15Page - STMicroelectronics TDA7296_V01 Datasheet HTML 16Page - STMicroelectronics TDA7296_V01 Datasheet HTML 17Page - STMicroelectronics TDA7296_V01 Datasheet HTML 18Page - STMicroelectronics TDA7296_V01 Datasheet HTML 19Page - STMicroelectronics TDA7296_V01 Datasheet HTML 20Page - STMicroelectronics TDA7296_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
9
Application suggestion
The recommended values of the external components are those shown on the application circuit of figure below.
Different values can be used; the following table can help the designer.
Table 4. Application suggestion
Components Suggested value
Purpose
Larger than
suggested
Smaller than suggested
R1 (1)
22 k
Input resistance
Increase input
impedance
Decrease input impedance
R2
680 Ω
Closed loop gain set to 30
db(2)
Decrease of gain
Increase of gain
R3(1)
22 k
Increase of gain
Decrease of gain
R4
22 k
Standby time constant
Larger standby on/off
time
Smaller standby on/off time; pop
noise
R5
10 k
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C1
0.47 µF
Input DC decoupling
Higher low frequency cut-off
C2
22 µF
Feedback DC decoupling
Higher low frequency cut-off
C3
10 µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C4
10 µF
Standby time constant
Larger standby on/off
time
Smaller standby on/off time; pop
noise
C5
22 µF
Bootstrapping
Signal degradation at low
frequency
C6, C8
1000 µF
Supply voltage bypass
Danger of oscillation
C7, C9
0.1 µF
1. R1= R3 for pop optimization.
2. Closed loop gain has to be ≥ 24 dB.
TDA7296
Application suggestion
DS0179 - Rev 11
page 17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com