Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR.B Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8760IPWPR.B Datasheet HTML 10Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 11Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 12Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 13Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 14Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 15Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 16Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 17Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
7.10 Typical Characteristics
at TA = 25°C (unless otherwise noted)
4.995
4.996
4.997
4.998
4.999
5.000
5.001
5.002
5.003
5.004
5.005
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C003
30 units shown
AVDD = 24 V
AVSS = 0 V
Figure 7-3. REFOUT vs Temperature
0
5
10
15
20
25
Temperature Drift (ppm/oC)
C002
Figure 7-4. Internal Reference Temperature Drift Histogram
4.996
4.997
4.998
4.999
5.000
5.001
5.002
5.003
5.004
-10
-8
-6
-4
-2
0
2
4
6
8
10
Load Current (mA)
C001
AVDD = 24 V
AVSS = 0 V
Figure 7-5. REFOUT vs Load Current
4.995
4.996
4.997
4.998
4.999
5.000
5.001
5.002
5.003
5.004
5.005
10
14
18
22
26
30
34
38
AVDD (V)
C002
T
A = 25
oC
AVSS = 0 V
Figure 7-6. REFOUT vs AVDD
0
100
200
300
400
500
600
700
800
900
1000
10
100
1k
10k
100k
Frequency (Hz)
C = 700 nF
C = 0 nF
C006
AVDD = 24 V
AVSS = 0 V
Figure 7-7. REFOUT Noise PSD vs Frequency
Time (2 s/div)
C001
AVDD = +24 V
AVSS = -12 V
Figure 7-8. Internal Reference, Peak-to-Peak Noise
(0.1 Hz to 10 Hz)
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com