Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR.B Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC8760IPWPR.B Datasheet HTML 30Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 31Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 32Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 34Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 35Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 36Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 37Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
8.3.11 User Calibration
The device implements a user-calibration function to allow for trimming the system gain and zero errors. There
is a gain calibration register and a zero calibration register; the DAC output is calibrated according to the value
of these registers. The range of gain adjustment is typically ±50% of full-scale with 1 LSB per step. The gain
register must be programmed to a value of 0x8000 to achieve the default gain of 1 because the power-on value
of the register is 0x0000, which is equivalent to a gain of 0.5. The zero code adjustment is typically ±32,768
LSBs with 1 LSB per step. The input data format of the gain register is unsigned straight binary, and the input
data format of the zero register is twos complement. The gain and offset calibration is described by Equation 6.
15
16
User _ GAIN
2
CODE _ OUT
CODE •
User _ ZERO
2
+
=
+
(6)
where
• CODE is the decimal equivalent of the code loaded to the DAC data register at address 0x01.
• N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760.
• User_ZERO is the signed 16-bit code in the zero register.
• User_GAIN is the unsigned 16-bit code in the gain register.
• CODE_OUT is the decimal equivalent of the code loaded to the DAC (limited between 0x0000 to 0xFFFF for
DAC8760 and 0x000 to 0xFFF for DAC7760).
This implementation is purely digital and the output is still limited by the programmed value at both ends of the
voltage or current output range. In addition, remember that the correction only makes sense for endpoints inside
of the true device end points. To correct more than just the actual device error (for example, a system offset),
the valid range for the adjustment changes accordingly and must be taken into account. This range is set by the
RANGE, OVR, DUAL OUTEN, and IOUT RANGE bits, as described in Section 8.4.1.
New calibration codes are only applied to subsequent writes of the DAC data register. Updating the calibration
codes does not automatically update the DAC output. Additionally, before applying new DAC data, configure the
calibration codes along with the slew rate control.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com