Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR.B Datasheet(PDF) 50 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 50 Page - Texas Instruments

Back Button DAC8760IPWPR.B Datasheet HTML 46Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 47Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 48Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 49Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 50Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 51Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 52Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 53Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
9.2.2 Detailed Design Procedure
I
OUT
15 V
RA
RB
R
SET
Q1
Q2
A1
A2
V
OUT
GND
A3
R
FB
R
G1
AVDD
V
/
V
REFIN
REFOUT
GND
D
IN
SCLK
CS
LDAC
15 V
-15 V
15 V
-15 V
15 V
-15 V
5 V
R
G2
+
+
+
Copyright © 2016, Texas Instruments Incorporated
Figure 9-7. Generic Design for Typical PLC Current and Voltage Outputs
Figure 9-7 illustrates a common generic solution for realizing these desired voltage and current output spans.
The current output circuit is comprised of amplifiers A1 and A2, MOSFETs Q1 and Q1, and the three resistors
RSET, RA, and RB. This two-stage current source enables the ground-referenced DAC output voltage to drive the
high-side amplifier required for the current-source.
The voltage output circuit is composed of amplifier A3 and the resistor network consisting of RFB, RG1, and RG2.
A3 operates as a modified summing amplifier, where the DAC controls the noninverting input and the inverting
input has one path to GND and a second to VREF. This configuration allows the single-ended DAC to create both
the unipolar 0-V to 5-V and 0-V to 10-V outputs and the bipolar ±5-V and ±10-V outputs by modifying the values
of RG1 and RG2.
Figure 9-6 generates clean ±15-V supplies using a synchronous step-down regulator (TPS54062) and two high-
voltage, ultra-low noise, linear regulators (TPS7A49 and TPS7A30). A field supply terminal is shown instead of
the more common use case of a back-plane supply. The design uses two triple channel isolators (ISO7631FC)
to provide galvanic isolation for the digital lines to communicate to the main controller. Note that these isolators
can be driven by the internally-generated supply (DVDD) from the DACx760 to save components and cost.
The DACx760 supplies up to 10 mA that meets the supply requirements of the two isolators running at up to
10 Mbps. Note that additional cost savings are possible if noncritical digital signals such as CLR and ALARM
are tied to GND or left unconnected. Finally, a protection scheme with transient voltage suppressors and other
components is placed on all pins which connect to the field.
The protection circuitry is designed to provide immunity to the IEC61000-4 test suite which includes system-level
industrial transient tests. The protection circuit includes transient voltage suppressor (TVS) diodes, clamp-to-rail
steering diodes, and pass elements in the form of resistors and ferrite beads. For more detail about selecting
these components, see TIPD153.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
50
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com