Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8760IPWPR.B Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC8760IPWPR.B Datasheet HTML 11Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 12Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 13Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 14Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 15Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 16Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 17Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 18Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Time (200 µs/div)
C002
REFOUT (2 V/div)
AVDD (4 V/div)
AVDD = 10 V
AVSS = 0 V
Figure 7-9. REFOUT Transient vs Time
-3
-2
-1
0
1
2
3
4
5
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
AIDD
AISS
C003
AVDD = |AVSS|
External DVDD
VOUT = 0 V
IOUT disabled
Output unloaded
Figure 7-10. AIDD or AISS vs AVDD or AVSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
13
16
19
22
25
28
31
34
37
AVDD (V)
C004
External DVDD
VOUT disabled
IOUT = 0 mA
Figure 7-11. AIDD vs AVDD
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
External DVDD (V)
C001
T
A = 25
0C
External DVDD
Figure 7-12. DIDD vs External DVDD
-1
0
1
2
3
4
5
6
7
8
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Load Current (mA)
C002
T
A = 25
0C
Internal DVDD
Figure 7-13. Internal DVDD vs Load Current
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
Frequency (Hz)
C001
AVDD = 18 V
AVSS = -18 V
C
LOAD = 100 nF
Figure 7-14. Internal DVDD PSRR vs Frequency
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com