Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-E Datasheet(PDF) 38 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 38 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 34Page - Greenlee Communications DST-SW-E Datasheet HTML 35Page - Greenlee Communications DST-SW-E Datasheet HTML 36Page - Greenlee Communications DST-SW-E Datasheet HTML 37Page - Greenlee Communications DST-SW-E Datasheet HTML 38Page - Greenlee Communications DST-SW-E Datasheet HTML 39Page - Greenlee Communications DST-SW-E Datasheet HTML 40Page - Greenlee Communications DST-SW-E Datasheet HTML 41Page - Greenlee Communications DST-SW-E Datasheet HTML 42Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
www.greenlee.com
314
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Uni Marker®
• Electronically marks buried facilities for later relocation
• Rugged polyethylene case ensures years of useful life
• Small size and flat design attach easily to non-metallic utility box lids,
hand holes and other buried enclosures
• Location is simple with any modern marker locator
• Range is 25% more than other similar-style markers
• Signal peak ensures location within inches of the marker
• Color coded by utility application
• Limited lifetime warranty
APPLICATION
COLOR
FREQUENCY
CAT NO.
UPC NO.
Power
Red
169.8kHz
0170-0001-1
60771
Water
Blue
145.7kHz
0171-0001-1
60772
Sanitary
Green
121.6kHz
0172-0001-1
60773
Telephone
Orange
101.4kHz
0173-0001-1
60774
Gas
Yellow
83.0kHz
0174-0001-1
60775
Cable TV
Orange/Black
77.0kHz
0175-0001-1
60776
Non-Potable/Gen I
Purple
66.35kHz
0178-0001-1
11059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com