Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-E Datasheet(PDF) 41 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 41 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 37Page - Greenlee Communications DST-SW-E Datasheet HTML 38Page - Greenlee Communications DST-SW-E Datasheet HTML 39Page - Greenlee Communications DST-SW-E Datasheet HTML 40Page - Greenlee Communications DST-SW-E Datasheet HTML 41Page - Greenlee Communications DST-SW-E Datasheet HTML 42Page - Greenlee Communications DST-SW-E Datasheet HTML 43Page - Greenlee Communications DST-SW-E Datasheet HTML 44Page - Greenlee Communications DST-SW-E Datasheet HTML 45Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
317
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Splice-On Connectors & Adapters
CAT. NO.
(12 PACK)
UPC
CAT. NO.
(100 PACK)
UPC
DESCRIPTION
SCAPC-SOC-12
02302
SCAPC-SOC-100
02360
SC/APC Singlemode, Green 900µm Boot
SCUPC-SOC-12
02303
SCUPC-SOC-100
02361
SC/UPC Singlemode, Blue 900µm Boot
SC62-SOC-12
02304
SC62-SOC-100
02364
SC/PC 62.5µm Multimode (OM1), Beige 900µm Boot
SC50-SOC-12
02305
SC50-SOC-100
02365
SC/PC 50µm Multimode (OM2), Black 900µm Boot
SCOM3-SOC-12
02306
SCOM3-SOC-100
02368
SC/PC 50µm Multimode (OM3), Aqua 900µm Boot
SCOM4-SOC-12
02308
SCOM4-SOC-100
02371
SC/PC 50µm Multimode (OM4), Aqua 900µm Boot
FCAPC-SOC-12
02313
FCAPC-SOC-100
02372
FC/APC Singlemode, Green 900µm Boot
FCUPC-SOC-12
02314
FCUPC-SOC-100
02377
FC/UPC Singlemode, Blue 900µm Boot
FC62-SOC-12
02316
FC62-SOC-100
02378
FC/PC 62.5µm Multimode (OM1), Beige 900µm Boot
FC50-SOC-12
02322
FC50-SOC-100
02379
FC/PC 50µm Multimode (OM2), Black 900µm Boot
FCOM3-SOC-12
02323
FCOM3-SOC-100
02381
FC/PC 50µm Multimode (OM3), Aqua 900µm Boot
FCOM4-SOC-12
02328
FCOM4-SOC-100
02384
FC/PC 50µm Multimode (OM4), Aqua 900µm Boot
STUPC-SOC-12
02330
STUPC-SOC-100
02385
ST/UPC Singlemode, Blue 900µm Boot
ST62-SOC-12
02332
ST62-SOC-100
02386
ST/PC 62.5µm Multimode (OM1), Beige 900µm Boot
ST50-SOC-12
02334
ST50-SOC-100
02387
ST/PC 50µm Multimode (OM2), Black 900µm Boot
STOM3-SOC-12
02335
STOM3-SOC-100
02388
ST/PC 50µm Multimode (OM3), Aqua 900µm Boot
STOM4-SOC-12
02343
STOM4-SOC-100
02389
ST/PC 50µm Multimode (OM4), Aqua 900µm Boot
LCAPC-SOC-12
02345
LCAPC-SOC-100
02390
LC/APC Singlemode, Green 900µm Boot
LCUPC-SOC-12
02346
LCUPC-SOC-100
02395
LC/UPC Singlemode, Blue 900µm Boot
LC62-SOC-12
02348
LC62-SOC-100
02397
LC/PC 62.5µm Multimode (OM1), Beige 900µm Boot
LC50-SOC-12
02351
LC50-SOC-100
02398
LC/PC 50µm Multimode (OM2), Black 900µm Boot
LCOM3-SOC-12
02355
LCOM3-SOC-100
02399
LC/PC 50µm Multimode (OM3), Aqua 900µm Boot
LCOM4-SOC-12
02359
LCOM4-SOC-100
02400
LC/PC 50µm Multimode (OM4), Aqua 900µm Boot
ADAPTER
UPC
DESCRIPTION
AFL SOC ADAPTER
01304
AFL/Fujikura SOC Adapter
FITEL SOC ADAPTER
02052
Furakawa/Fitel SOC Adapter
SUMI SOC ADAPTER
02058
Sumitomo SOC Adapter
INNO SOC ADAPTER
02060
Inno SOC Adapter
FIS SOC ADAPTER
02062
FIS Super Cougar SOC Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com