Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-E Datasheet(PDF) 43 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 43 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 39Page - Greenlee Communications DST-SW-E Datasheet HTML 40Page - Greenlee Communications DST-SW-E Datasheet HTML 41Page - Greenlee Communications DST-SW-E Datasheet HTML 42Page - Greenlee Communications DST-SW-E Datasheet HTML 43Page - Greenlee Communications DST-SW-E Datasheet HTML 44Page - Greenlee Communications DST-SW-E Datasheet HTML 45Page - Greenlee Communications DST-SW-E Datasheet HTML 46Page - Greenlee Communications DST-SW-E Datasheet HTML 47Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
319
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
SPECIFICATIONS
Identified Wavelength Range
800-1700nm
Identified Signal Type
270Hz ±5%, 1kHz ±5%, 2kHz ±5%
Detector Type
1mm InGaAs
Adapter Types
Ø0.25 (Applicable for Bare Fiber)
Ø0.9 (Applicable for Ø0.9 Cable)
Ø2.0 (Applicable for Ø2.0 Cable)
Ø3.0 (Applicable for Ø3.0 Cable)
Signal Indication
Left & Right LED
Signal Direction Test Range
(CW/0.9mm fiber)
-46 to 10dBm (1310nm)
-50 to 10dBm (1550nm)
Signal Power Test Range
(CW/0.9mm fiber)
-50 to +10dBm
Signal Frequency Display
270Hz, 1kHz, 2kHz
Tone Detect Test Range
(Average)
Ø0.9, Ø2.0, Ø3.0
-30 to 0dBm
(270Hz, 1kHz)
-25 to 0dBm (2kHz)
Ø0.25
-25 to 0dBm
(1kHz, 2kHz)
-20 to 0dBm (2kHz)
Insertion Loss
(Typical/ Maximum)
0.3 / 0.8dB at 1310nm
1.5 / 2.5dB at 1550nm
Battery
AAA Alkaline (2)
Fiber Identifier
CAT. NO.
UPC NO.
DESCRIPTION
FI-100 Kit
03353
Fiber Identifier Kit
FI-100-250
03354
250µm Adapter
FI-100-900
03355
900µm Adapter
FI-100-2MM
03356
2mm Adapter
FI-100-3MM
03357
3mm Adapter
FI-100-CASE
03358
Soft Carry Case
FI-100-SUNSHADE
03359
Sun Shade
• Non-intrusive low insertion loss prevents alarm conditions
• Identifies fiber with tone detect and a clear indication of signal
transmission direction
• Supports all common fibers including 250μm, 900μm, 2mm, and
3mm and is able to sense light in bend insensitive fibers
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -10 ° C to +60° C
Storage temperature
-25° C to +70° C
Dimensions
14.2 x 4.3 x 3.3 cm (5.6 x 1.7 x 1.3 in.)
Weight
120 g (4.2 oz.) with batteries
Certifications
CE, FCC,WEEE
FI-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com