Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-E Datasheet(PDF) 84 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 84 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 80Page - Greenlee Communications DST-SW-E Datasheet HTML 81Page - Greenlee Communications DST-SW-E Datasheet HTML 82Page - Greenlee Communications DST-SW-E Datasheet HTML 83Page - Greenlee Communications DST-SW-E Datasheet HTML 84Page - Greenlee Communications DST-SW-E Datasheet HTML 85Page - Greenlee Communications DST-SW-E Datasheet HTML 86Page - Greenlee Communications DST-SW-E Datasheet HTML 87Page - Greenlee Communications DST-SW-E Datasheet HTML 88Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
360
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
AM 25 Slitter
AM 35 Slitter
• Strips and slits 0.18" to 1.0" (4.5-25mm) diameter Round Cables
• Adjustable cutting depth
• Swivel blade for circular, longitudinal and spiral cuts
• Spare blade in handle
• Cable holding clip with integrated edge for removing slit insulation
• Laser-trimmed, stainless-steel blade for long use
• Slits PVC, Teflon and THHN
• Perfect for armored cable
• Strips and slits 1.0" to 1.4" (25-35mm) diameter Round Cables
• Adjustable cutting depth for insulation up to 0.18” (4.5 mm) thick
• Swivel blade for circular, longitudinal and spiral cuts
• Spare blade in handle
• Cable holding clip with integrated edge for removing slit insulation
• Laser-trimmed, stainless-steel blade for long use
• Slits PVC, Teflon and THHN
NOTE: Do not use on live circuits. Not for polyethylene, polypropylene or XLP insulations
NOTE: Do not use on live circuits. Not for polyethylene, polypropylene or XLP insulations
NOTE: Do not use on live circuits. Not for polyethylene, polypropylene or XLP insulations
Universal Slitter
• Strips and slits 0.18" to 1.0" (4.5-25mm) diameter Round Cables
• Precision stripping and slitting of rubber, PVC, nylon and
most insulation materials
• Adjustable depth of cut
• Swivel blade for circular, longitudinal and spiral cuts
• Cable is supported during use
• Cable support arm edge is used to pry off thick insulation
• Laser-trimmed, stainless-steel blade for long use
• A perfect tool for mid-point taps
• Spare blade included
CAT. NO.
DESCRIPTION
PA1820
PA2109
AM 25
Replacement blade
CAT. NO.
DESCRIPTION
PA1821
PA2109
AM 35
Replacement blade
CAT. NO.
DESCRIPTION
PA1822
PA2109
Universal splitter
Replacement blade
Teflon® is a registered trademark of Dupont
Teflon® is a registered trademark of Dupont
PA1820
PA1821
PA1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com