Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-H3 Datasheet(PDF) 44 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 44 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 40Page - Greenlee Communications DST-SW-H3 Datasheet HTML 41Page - Greenlee Communications DST-SW-H3 Datasheet HTML 42Page - Greenlee Communications DST-SW-H3 Datasheet HTML 43Page - Greenlee Communications DST-SW-H3 Datasheet HTML 44Page - Greenlee Communications DST-SW-H3 Datasheet HTML 45Page - Greenlee Communications DST-SW-H3 Datasheet HTML 46Page - Greenlee Communications DST-SW-H3 Datasheet HTML 47Page - Greenlee Communications DST-SW-H3 Datasheet HTML 48Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
320
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
180XL Visual Fault Locator
• The 180XL can be used to confirm fiber continuity on fibers up
to 7km in length
• A 1.25mm adapter is available
• Has up to 80 hours of operation
• Ruggedized design - not made of plastic
• Class 2 for safe operation - 1mW output power
• 650nm propagates more efficiently than 635nm in single mode fiber
• Cleans 2.5mm & 1.25mm ferrules and bulkheads
• Compact, easy-to-use single click operation
• Rated for 800 cleaning cycles
• Anti-static design prevents secondary contamination
CAT. NO.
UPC NO.
DESCRIPTION
180XL
84501
Visual Fault Finder
CAT. NO.
UPC NO.
DESCRIPTION
FCP-1.25
03577
1.25mm Cleaning Pen
FCP-2.5
03576
2.5mm Cleaning Pen
SPECIFICATIONS
Wavelength
650nm +/-10nm
Output Power
0dBm (1mW)
Maximum Distance
7km
Laser Classification
2
Bulkhead
2.5mm Universal
1.25mm adapter available
Battery
AA (2)
Battery Life
80 hours
Weight
120 g (not including batteries)
Dimensions
180mm x 15mm (diameter)
SPECIFICATIONS
Ferrule & Connector Sizes
1.25mm & 2.5mm
Weight
1 oz (20g)
Dimensions
7.1" x 0.7" x 0.7" (180mm x 18mm x 18mm)
Working Temperature
-10ºC to +50ºC
Storage Temperature
-30ºC to +70ºC
Fiber Cleaning Pens - 1.25mm & 2.5mm
FCP-1.25mm
FCP-2.5mm
180XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com