Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-H3 Datasheet(PDF) 69 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 69 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 65Page - Greenlee Communications DST-SW-H3 Datasheet HTML 66Page - Greenlee Communications DST-SW-H3 Datasheet HTML 67Page - Greenlee Communications DST-SW-H3 Datasheet HTML 68Page - Greenlee Communications DST-SW-H3 Datasheet HTML 69Page - Greenlee Communications DST-SW-H3 Datasheet HTML 70Page - Greenlee Communications DST-SW-H3 Datasheet HTML 71Page - Greenlee Communications DST-SW-H3 Datasheet HTML 72Page - Greenlee Communications DST-SW-H3 Datasheet HTML 73Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
345
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
CoaxReady™ Deluxe Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA901081
CoaxReady™ Deluxe Kit
3 lbs
COAXREADY™ DELUXE KIT INCLUDES
PA1179
KT8 round cable cutter
PA1255
LC CST-58/59 coax stripper
PA1302
1300 crimp tool frame with EZI-CHANGE™ thumb screws
DIE SETS:
PA2034
BNC/TNC - RG58/59/62AU
PA2649
BNC/TNC - CATV “F” RG59/6/Belden 8281/1694A and 1505A
PA2653
SMA/SMB/Mini 59 BNC & TNC/Mini-UHF
CoaxReady™ Compression Tool Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA906003
CoaxReady™ Compression Tool Kit
3.5 lbs
COAXREADY™ COMPRESSION TOOL KIT INCLUDES
PA1821
AM 35 Slitter
PA1179
KT8 Cutter
PA1119
Data & A/V UTP & Coax Cutter/Stripper
PA1280
CST Pro Coax tool
PA2280
CST Pro GRN 3-Level Strip Blade Cartridge
PA2283
CST Pro OG 3-Level Strip Blade Cartridge
PA2282
CST Pro BK 3-Level Strip Blade Cartridge
PA2284
CST Pro Rollers
PA1927
CATV “F” Flaring & Insertion Tool
N/A
Zippered Cordura® Portfolio Case
CoaxReady™ Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA901054
CoaxReady™ Kit
2.5 lbs
COAXREADY™ KIT INCLUDES
PA1179
KT8 round cable cutter
PA1255
LC CST-58/59 coax stripper
PA1302
1300 crimp tool frame with EZI-CHANGE™ thumb screws
DIE SETS:
PA2034
BNC/TNC - RG58/59/62AU
PA2075
BNC/TNC - RG58/59/62AU RG6 Teflon/Plenum
PA2653
SMA/SMB/Mini 59 BNC & TNC/Mini-UHF
Adding to our CoaxReady™ solutions, this kit has everything you will
need to terminate any manufacturers' cable TV "F", RCA or BNC
compression connectors using RG6, RG6 Quad or RG59 cable sizes
• 12 piece kit
• Includes zippered Cordura® portfolio case
Perfect for LAN/Ethernet or video & CATV installation. For a wide variety
of coaxial connectors including mini-coax and HDTV applications,
CoaxReady™ Deluxe combines our most popular tools for a complete
coax solution in a handy zipper case
• Kit also includes terminators and adapters
With this kit a technician is set to tackle most coaxial cabling challenges
Perfect for the LAN/Ethernet or video installation installer. For a wide
variety of coaxial connectors including mini-coax applications,
CoaxReady™ combines our most popular tools with the new LC CST
coax stripper in a handy zippered case
Teflon® is a registered trademark of Dupont
PA906003
PA901081
PA901054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com