Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-H3 Datasheet(PDF) 62 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 62 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 58Page - Greenlee Communications DST-SW-H3 Datasheet HTML 59Page - Greenlee Communications DST-SW-H3 Datasheet HTML 60Page - Greenlee Communications DST-SW-H3 Datasheet HTML 61Page - Greenlee Communications DST-SW-H3 Datasheet HTML 62Page - Greenlee Communications DST-SW-H3 Datasheet HTML 63Page - Greenlee Communications DST-SW-H3 Datasheet HTML 64Page - Greenlee Communications DST-SW-H3 Datasheet HTML 65Page - Greenlee Communications DST-SW-H3 Datasheet HTML 66Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
338
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
• Pen-type scribe with screw-in non-reversible carbide tip
• Wedge shaped tip
• Pocket-clip
• Stainless steel barrel
• 5.25" (197 mm)
Fiber Optic Scribe
CAT. NO.
DESCRIPTION
WEIGHT
PA1922-1
Fiber Optic Scribe
2 oz
• Manufactured from aluminum with tungsten coating
• Cleaner than conventional plastic pucks because less debris left behind
• Double the lifetime of conventional plastic pucks
• Length: 7.75" (197 mm)
Fiber Optic Polishing Pucks
CAT. NO.
DESCRIPTION
WEIGHT
PA1920-1
PA1926-1
SC, ST, FC Polishing Puck
LC Polishing Puck
2 oz
2 oz
Pocket Cable Stripper
• Specifically designed for stripping power and telecommunications
cables from 3/4" to 1-1/2" in diameter (19 mm to 40 mm)
• Strips solid conductor, stranded conductor and multiple
conductor cables
• Easy blade depth adjustment
• Blade rotates for circular, longitudinal and spiral cuts.
CAT. NO.
UPC NO.
DESCRIPTION
1903
12679
Cable Stripping Tool
13544
13544
Replacement Blade (2 per package)
13545
13545
Replacement Small Hook
13546
13546
Replacement Large Hook
1903
PA1922-1
PA1920-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com