| Electronic Components Datasheet Search |
|
DST-SW-H3 Datasheet(PDF) 96 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-H3 Datasheet(HTML) 96 Page - Greenlee Communications |
|
96 / 108 page ![]() 372 COMMUNICATIONS TRUSTED SINCE 1862 HAND TOOLS www.greenlee.com All-in-One UTP Snagless Crimper CAT. NO. DESCRIPTION PA1561 All-in-One UTP Snagless Crimper • Cuts and strips round or flat cable • All metal construction • Cushion grips for improved comfort and control • For standard and "snagless" RJ45 connectors • Also crimps RJ11/22 and RJ22 WE/SS style plugs All-in-One Ultra Telephone Tools • 4 crimp functions with a single tool without changing dies • Crimps 4- position RJ22 handset • Crimps 4- and 6- position RJ11/RJ12 connectors • Crimps 8- position RJ45 (non-keyed) • Embedded cable cutter and stripper • Crimps 28-24 AWG (.08 - .20 mm2) telephone and data cables • Advanced ratchet system • Precision die-cast aluminum head • Crimps 6- position RJ11-DEC offset type connectors (P/N 901014) PA901014 PA1561 CAT. NO. DESCRIPTION PA901014 All-in-One Ultra Telephone Tool AMP (Tyco) PA901016 All-in-One Ultra Telephone Tool (WE/SS) PA2530 Replacement blade kit All-in-One Pro Telephone Tools PA1530R • Crimps 4- position RJ22 connectors • Crimps 4- and 6- position RJ11/RJ12 connectors • Crimps 8- position RJ45 (non-keyed) connectors • Embedded cable cutter and stripper • Crimps 28-24 AWG (.08 - .20 mm2) telephone and data cables • Comfortable rubber-embedded handles • Built-in safety ratchet release CAT. NO. DESCRIPTION PA1540 All-in-One Pro Telephone Tool AMP (Tyco) PA1530R All-in-One Pro Telephone Tool (WE/SS) PA2530 Replacement blade kit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |