Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 6Page - STMicroelectronics STM32L151VD Datasheet HTML 7Page - STMicroelectronics STM32L151VD Datasheet HTML 8Page - STMicroelectronics STM32L151VD Datasheet HTML 9Page - STMicroelectronics STM32L151VD Datasheet HTML 10Page - STMicroelectronics STM32L151VD Datasheet HTML 11Page - STMicroelectronics STM32L151VD Datasheet HTML 12Page - STMicroelectronics STM32L151VD Datasheet HTML 13Page - STMicroelectronics STM32L151VD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
Introduction
STM32L151xD STM32L152xD
10/154
DocID022027 Rev 11
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L151xD and STM32L152xD ultra-low-power ARM® Cortex®-M3 based
microcontroller product line.
The STM32L151xD and STM32L152xD microcontrollers feature 384 Kbytes of Flash
memory.
The ultra-low-power STM32L151xD and STM32L152xD family includes devices in 5
different package types: from 64 pins to 144 pins. Depending on the device chosen,
different sets of peripherals are included, the description below gives an overview of the
complete range of peripherals proposed in this family.
These features make the ultra-low-power STM32L151xD and STM32L152xD
microcontroller family suitable for a wide range of applications:
•
Medical and handheld equipment
•
Application control and user interface
•
PC peripherals, gaming, GPS and sport equipment
•
Alarm systems, wired and wireless sensors, video intercom
•
Utility metering
This STM32L151xD and STM32L152xD datasheet should be read in conjunction with the
STM32L1xxxx reference manual (RM0038). The application note “Getting started with
STM32L1xxxx hardware development” (AN3216) gives a hardware implementation
overview. Both documents are available from the STMicroelectronics website www.st.com.
For information on the ARM® Cortex®-M3 core please refer to the ARM® Cortex®-M3
technical reference manual, available from the www.arm.com website. Figure 1 shows the
general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com