Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 58Page - STMicroelectronics STM32L151ZD Datasheet HTML 59Page - STMicroelectronics STM32L151ZD Datasheet HTML 60Page - STMicroelectronics STM32L151ZD Datasheet HTML 61Page - STMicroelectronics STM32L151ZD Datasheet HTML 62Page - STMicroelectronics STM32L151ZD Datasheet HTML 63Page - STMicroelectronics STM32L151ZD Datasheet HTML 64Page - STMicroelectronics STM32L151ZD Datasheet HTML 65Page - STMicroelectronics STM32L151ZD Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
62/154
DocID022027 Rev 11
6.3
Operating conditions
6.3.1
General operating conditions
4. Positive current injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer to Table 10 for maximum allowed input voltage values.
5. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be
exceeded. Refer to Table 10: Voltage characteristics for the maximum allowed input voltage values.
6. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 12. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 13. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK Internal AHB clock frequency
-
0
32
MHz
fPCLK1 Internal APB1 clock frequency
-
0
32
fPCLK2 Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled, at
power on
1.8
3.6
BOR detector disabled, after
power on
1.65
3.6
VDDA(1)
Analog operating voltage
(ADC and DAC not used)
Must be the same voltage as
VDD(2)
1.65
3.6
V
Analog operating voltage
(ADC or DAC used)
1.8
3.6
VIN
I/O input voltage
FT pins; 2.0 V
≤VDD
-0.3
5.5(3)
V
FT pins; VDD < 2.0 V
-0.3
5.25(3)
BOOT0 pin
0
5.5
Any other pin
-0.3
VDD+0.3
PD
Power dissipation at TA = 85 °C for
suffix 6 or TA = 105 °C for suffix 7(4)
LQFP144 package
-
500
mW
LQFP100 package
-
465
LQFP64 package
-
435
UFBGA132
-
333
WLCSP64 package
-
435
TA
Ambient temperature for 6 suffix version Maximum power dissipation(5)
–40
85
°C
Ambient temperature for 7 suffix version Maximum power dissipation
–40
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com