Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 8Page - STMicroelectronics STM32L151ZD Datasheet HTML 9Page - STMicroelectronics STM32L151ZD Datasheet HTML 10Page - STMicroelectronics STM32L151ZD Datasheet HTML 11Page - STMicroelectronics STM32L151ZD Datasheet HTML 12Page - STMicroelectronics STM32L151ZD Datasheet HTML 13Page - STMicroelectronics STM32L151ZD Datasheet HTML 14Page - STMicroelectronics STM32L151ZD Datasheet HTML 15Page - STMicroelectronics STM32L151ZD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
Description
STM32L151xD STM32L152xD
12/154
DocID022027 Rev 11
2.1
Device overview
Table 2. Ultra-low-power STM32L151xD and STM32L152xD device features
and peripheral counts
Peripheral
STM32L15xRD
STM32L15xVD
STM32L15xQD
STM32L15xZD
Flash (Kbytes)
384
Data EEPROM (Kbytes)
12
RAM (Kbytes)
48
FSMC
No
multiplexed only
Yes
Timers
32 bit
1
General-
purpose
6
Basic
2
Communi-
cation
interfaces
SPI
8(3)(1)
I2S
2
I2C
2
USART
5
USB
1
SDIO
1
GPIOs
51
83
109
115
Operation amplifiers
3
12-bit synchronized ADC
Number of channels
1
21
1
25
1
40
1
40
12-bit DAC
Number of channels
2
2
LCD (STM32L152xx devices
only)
COM x SEG
1
4x32
or 8x28
1
4x44 or 8x40
Comparators
2
Capacitive sensing channels
23
33
34
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com