Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 68Page - STMicroelectronics STM32L151ZD Datasheet HTML 69Page - STMicroelectronics STM32L151ZD Datasheet HTML 70Page - STMicroelectronics STM32L151ZD Datasheet HTML 71Page - STMicroelectronics STM32L151ZD Datasheet HTML 72Page - STMicroelectronics STM32L151ZD Datasheet HTML 73Page - STMicroelectronics STM32L151ZD Datasheet HTML 74Page - STMicroelectronics STM32L151ZD Datasheet HTML 75Page - STMicroelectronics STM32L151ZD Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
72/154
DocID022027 Rev 11
Table 22. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with RTC
enabled
RTC clocked by LSI
or LSE external clock
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.1
-
µA
TA = -40°C to 25°C
1.35
4
TA = 55°C
1.95
6
TA= 85°C
4.35
10
TA = 105°C
11.0
23
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.65
6
TA = 55°C
2.1
7
TA= 85°C
4.7
12
TA = 105°C
11.0
27
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
2.5
10
TA = 55°C
4.65
11
TA= 85°C
7.25
16
TA = 105°C
14.0
44
RTC clocked by LSE
external quartz
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog(4)
LCD
OFF
TA = -40°C to 25°C
1.7
-
TA = 55°C
2.15
-
TA= 85°C
4.7
-
TA = 105°C
11.5
-
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.8
-
TA = 55°C
2.35
-
TA= 85°C
4.85
-
TA = 105°C
11.5
-
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
2.45
-
TA = 55°C
4.9
-
TA= 85°C
7.7
-
TA = 105°C
14.5
-
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8V
1.35
-
TA = -40°C to 25°C
VDD = 3.0V
1.7
-
TA = -40°C to 25°C
VDD = 3.6V
2.0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com