Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 59Page - STMicroelectronics STM32L151ZD Datasheet HTML 60Page - STMicroelectronics STM32L151ZD Datasheet HTML 61Page - STMicroelectronics STM32L151ZD Datasheet HTML 62Page - STMicroelectronics STM32L151ZD Datasheet HTML 63Page - STMicroelectronics STM32L151ZD Datasheet HTML 64Page - STMicroelectronics STM32L151ZD Datasheet HTML 65Page - STMicroelectronics STM32L151ZD Datasheet HTML 66Page - STMicroelectronics STM32L151ZD Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 154 page
background image
DocID022027 Rev 11
63/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.2
Embedded reset and power control block characteristics
The parameters given in the following table are derived from the tests performed under the
conditions summarized in Table 13.
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
110
1. When the ADC is used, refer to Table 64: ADC characteristics.
2. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up .
3. To sustain a voltage higher than VDD+0.3V, the internal pull-up/pull-down resistors must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 80: Thermal characteristics
on page 145).
5. In low-power dissipation state, TA can be extended to -40°C to 105°C temperature range as long as TJ does not exceed TJ
max (see Table 80: Thermal characteristics on page 145).
Table 13. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 14. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD(1)
VDD rise time rate
BOR detector enabled
0
-
∞
µs/V
BOR detector disabled
0
-
1000
VDD fall time rate
BOR detector enabled
20
-
∞
BOR detector disabled
0
-
1000
TRSTTEMPO(1) Reset temporization
VDD rising, BOR enabled
-
2
3.3
ms
VDD rising, BOR disabled(2)
0.4
0.7
1.6
VPOR/PDR
Power on/power down reset
threshold
Falling edge
1
1.5
1.65
V
Rising edge
1.3
1.5
1.65
VBOR0
Brown-out reset threshold 0
Falling edge
1.67
1.7
1.74
Rising edge
1.69
1.76
1.8
VBOR1
Brown-out reset threshold 1
Falling edge
1.87
1.93
1.97
Rising edge
1.96
2.03
2.07
VBOR2
Brown-out reset threshold 2
Falling edge
2.22
2.30
2.35
Rising edge
2.31
2.41
2.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com