Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 107Page - STMicroelectronics STM32L151ZD Datasheet HTML 108Page - STMicroelectronics STM32L151ZD Datasheet HTML 109Page - STMicroelectronics STM32L151ZD Datasheet HTML 110Page - STMicroelectronics STM32L151ZD Datasheet HTML 111Page - STMicroelectronics STM32L151ZD Datasheet HTML 112Page - STMicroelectronics STM32L151ZD Datasheet HTML 113Page - STMicroelectronics STM32L151ZD Datasheet HTML 114Page - STMicroelectronics STM32L151ZD Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 154 page
background image
DocID022027 Rev 11
111/154
STM32L151xD STM32L152xD
Electrical characteristics
129
SPI characteristics
Unless otherwise specified, the parameters given in the following table are derived from
tests performed under the conditions summarized in Table 13.
Refer to Section 6.3.13: I/O current injection characteristics for more details on the
input/output alternate function characteristics (NSS, SCK, MOSI, MISO).
Table 57. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Max(2)
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
16
MHz
Slave mode
-
16
Slave transmitter
-
12(3)
tr(SCK)(2)
tf(SCK)(2)
SPI clock rise and fall time
Capacitive load: C = 30 pF
-
6
ns
DuCy(SCK)
SPI slave input clock duty cycle
Slave mode
30
70
%
tsu(NSS)
NSS setup time
Slave mode
4tHCLK
-
ns
th(NSS)
NSS hold time
Slave mode
2tHCLK
-
tw(SCKH)(2)
tw(SCKL)(2)
SCK high and low time
Master mode
tSCK/2−5tSCK/2+3
tsu(MI)(2)
Data input setup time
Master mode
5
-
tsu(SI)(2)
Slave mode
6
-
th(MI)(2)
Data input hold time
Master mode
5
-
th(SI)(2)
Slave mode
5
-
ta(SO)(4)
Data output access time
Slave mode
0
3tHCLK
tv(SO) (2)
Data output valid time
Slave mode
-
33
tv(MO)(2)
Data output valid time
Master mode
-
6.5
th(SO)(2)
Data output hold time
Slave mode
17
-
th(MO)(2)
Master mode
0.5
-
1. The characteristics above are given for voltage range 1.
2. Guaranteed by characterization results.
3. The maximum SPI clock frequency in slave transmitter mode is given for an SPI slave input clock duty cycle (DuCy(SCK))
ranging between 40 to 60%.
4. Min time is for the minimum time to drive the output and max time is for the maximum time to validate the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com