Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151ZD Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32L151ZD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151ZD Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32L151ZD Datasheet HTML 144Page - STMicroelectronics STM32L151ZD Datasheet HTML 145Page - STMicroelectronics STM32L151ZD Datasheet HTML 146Page - STMicroelectronics STM32L151ZD Datasheet HTML 147Page - STMicroelectronics STM32L151ZD Datasheet HTML 148Page - STMicroelectronics STM32L151ZD Datasheet HTML 149Page - STMicroelectronics STM32L151ZD Datasheet HTML 150Page - STMicroelectronics STM32L151ZD Datasheet HTML 151Page - STMicroelectronics STM32L151ZD Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 154 page
background image
Revision History
STM32L151xD STM32L152xD
148/154
DocID022027 Rev 11
9
Revision History
Table 82. Document revision history
Date
Revision
Changes
03-Oct-2011
1
Initial release.
03-Feb-2012
2
Status of the document changed (datasheet instead of preliminary
data).
Updated low power features on page 1.
Removed references to devices with 256 KB of Flash memory.
GPIOF replaced with GIOPH.
Added SDIO in Table 4: Ultra-low-power STM32L15xxD device
features and peripheral counts on page 12 and in Table 19: ction
input/output on page 86 (FSMC/SDIO instead of FSMC).
Table 4: Ultra-low-power STM32L15xxD device features and
peripheral counts: replaced STM32L15xWx with STM32L15xQx.
Figure 1: Ultra-low-power STM32L162xC block diagram: updated
legend.
Modified Section 3.4: Clock management on page 20.
Table 4: STM32L15xQD STM32L162QD UFBGA132 ballout: replaced
STM32L15xWC/D with STM32L15xQD.
Figure 3, Figure 3, Figure 4: updated titles.
Table 14: STM32L15xxD pin definitions: updated title, updated pins
PF0, PF1, PH2, PF12, PF13, PF14, PF15, PG0, PG1, PG12, PG15,
PD0, and PD1.
Table 19: ction input/output: Modified ction for PA13 and PA14;
removed EVENT OUT for PH2.
Figure 5: Memory map: removed the text “APB memory space”.
Modified Figure 8: Power supply scheme on page 46.
Modified Table 2: Functionalities depending on the operating power
supply range on page 15.
Table 18: Current consumption in Run mode, code with data
processing running from RAM: added footnote 3.
Table 19: Current consumption in Sleep mode: updated condition for
fHSE; added footnote 3.
Table 23: Typical and maximum current consumptions in Standby
mode: modified max values.
Table 64: USB DC electrical characteristics: removed two footnotes.
Modified Table 38: Flash memory and data EEPROM characteristics
on page 83.
Table 73: Thermal characteristics: updated “TBDs” with values.
Modified tables in Section 6.3.4: Supply current characteristics on
page 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com