Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7140FCCDBQ Datasheet(PDF) 14 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 10Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 11Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 12Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 13Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 14Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 17Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
0V
CL
W
W
1%
±
NOTE A
NOTE
B
0 V
VO
VI
0.5 V
50%
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
3V
CL
W
W
1%
±
NOTE A
NOTE
B
0 V
0 V
VI
50%
0.5 V
tPZH
VO
VOH
tPHZ
V
/2
CC
V
/2
CC
VCC
tPZL
VCC
V
/2
CC
VCC
tPLZ
VCC
V
/2
CC
VOL
IN
OUT
VO
C L
Input
Generator
50
V I
W
NOTE A
NOTE
B
10%
90%
50%
0 V
50%
VI
V
/2
CC
VO
tPLH
VOH
tPHL
tr
tf
VCC1
VOL
V
/2
CC
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
7 Parameter Measurement Information
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50 Ω. At the input, a 50-Ω resistor is required to terminate the input-generator signal. It is not
needed in an actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 10. Switching-Characteristics Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 11. Enable/Disable Propagation Delay-Time Test Circuit and Waveform
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com