Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7140FCCDBQ Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 14Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 17Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 18Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 19Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 20Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 21Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
0
100
200
300
400
350
450
500
0
50
100
150
200
Case Temperature – C
o
150
250
50
V
CC1 = VCC2 = 5.5V
V
CC1 = VCC2 = 3.6V
V
CC1 = VCC2 = 2.7V
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
spacer
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit-board (PCB) do not reduce this distance.
Creepage and clearance on a PCB become equal in certain cases. Techniques such as
inserting grooves and/or ribs on a PCB are used to help increase these specifications.
Table 2. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic Isolation Group
Material Group
II
Rated mains voltage
≤ 150 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I–III
Rated mains voltage
≤ 400 VRMS
I–II
8.3.1.1 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier, potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA = 104.5°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
217
Safety input, output, or supply
IS
DBQ-16
RθJA = 104.5°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
332
mA
current
RθJA = 104.5°C/W, VI = 2.7V, TJ = 150°C, TA = 25°C
443
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings(1) table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a high-K test board for leaded surface-mount packages.
The power is the recommended maximum input voltage times the current. The junction temperature is then the
ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 15. DBQ-16
θJC Thermal Derating Curve
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
18
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com