Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7140FCCDBQ Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 20Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 21Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 22Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 23Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 24Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 25Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 26Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 27Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
VCC1
VCC2
GND1
GND2
16
13
12
2,8
9,15
UCA0RXD
P3.0
UCA0TXD
16
11
15
4
XOUT
XIN
5
6
2
MSP430
F2132
1
3
4
5
7
0.1F
0.1F
ISO7131
ISO-BARRIER
4.7nF/
2kV
SM712
10 MELF
0.1F
DVss
DVcc
10F 0.1F
MBR0520L
MBR0520L
1:2.2
0.1F
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
IN
EN
GND
OUT
1
5
2
3
TPS76350
10F
10F
10 MELF
VIN
3.3V
5VISO
INA
INB
OUTC
EN1
OUTA
OUTB
INC
SN65HVD
3082E
RE
DE
D
R
EN2
14
10
1
4
3
2
B
A
VCC
GND
0.1F
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
9.2.2 Isolated RS-485 Interface
Figure 24. Isolated RS-485 Interface
9.2.2.1 Design Requirements
See previous Design Requirements.
9.2.2.2 Detailed Design Procedure
See previous Detailed Design Procedure.
9.2.2.3 Application Curves
See previous Application Curves.
24
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com