Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7140FCCDBQ Datasheet(PDF) 19 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 17Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 18Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 19Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 20Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 21Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 22Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
8.3.1.2 Regulatory Information
VDE
UL
CSA
CQC
Certified according to DIN V
Recognized under UL 1577
Approved under CSA Component
Certified according to GB
VDE V 0884-10 (VDE V 0884-
Component Recognition
Acceptance Notice 5A, IEC 60950-1, and
4943.1-2011
10):2006-12 and DIN EN
Program
IEC 61010-1
61010-1
Reinforced Insulation per CSA 60950-1-03
and IEC 60950-1 (2nd Ed.), 185 VRMS
maximum working voltage
Basic Insulation per CSA 60950-1-03 and
Basic Insulation
IEC 60950-1 (2nd Ed.), 370 VRMS
Basic Insulation, Altitude
≤
Maximum Transient
maximum working voltage
Single protection, 2500 VRMS
5000m, Tropical Climate, 250
Overvoltage, 4242 VPK
(1)
Reinforced Insulation per CSA 61010-1-12
VRMS maximum working
Maximum Working Voltage,
and IEC 61010-1 (3rd Edition), 150 VRMS
voltage
566 VPK
maximum working voltage
Basic Insulation per CSA 61010-1-12 and
IEC 61010-1 (3rd Edition), 300 VRMS
maximum working voltage
Certificate number:
Certificate number: 40016131
File number: E181974
Master contract number: 220991
CQC14001109540
(1)
Production tested
≥ 3000 Vrms for 1 second in accordance with UL 1577.
8.4 Device Functional Modes
Table 3. Function Table(1)
OUTPUT (OUTx)
INPUT
OUTPUT ENABLE
VCCI
VCCO
(INx)
(ENx)
ISO71xxCC
ISO71xxFCC
H
H or open
H
H
L
H or open
L
L
PU
PU
X
L
Z
Z
Open
H or open
H
L
PD
PU
X
H or open
H
L
PD
PU
X
L
Z
Z
PU
PD
X
X
Undetermined
Undetermined
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered Up (VCC ≥ 2.7 V); PD = Powered Down
(VCC ≤ 2.1 V); X = Irrelevant; H = High Level; L = Low Level; Z = High Impedance
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com