Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60L5 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC563M60L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 42Page - STMicroelectronics SPC563M60L5 Datasheet HTML 43Page - STMicroelectronics SPC563M60L5 Datasheet HTML 44Page - STMicroelectronics SPC563M60L5 Datasheet HTML 45Page - STMicroelectronics SPC563M60L5 Datasheet HTML 46Page - STMicroelectronics SPC563M60L5 Datasheet HTML 47Page - STMicroelectronics SPC563M60L5 Datasheet HTML 48Page - STMicroelectronics SPC563M60L5 Datasheet HTML 49Page - STMicroelectronics SPC563M60L5 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
CAL_ADDR[30](18)
ALT_EVTI(10)
Calibration Address Bus
Nexus Event In
PCR[345]
—
O
I
VDDE12(11)
Fast
—(15)
ALT_EVTI /
CAL_ADDR(16)
—116
ALT_EVTO
Nexus Event Out
PCR[344]
—
O
VDDE12(11)
Fast
O / Low
ALT_EVTO /
High
—
120
ALT_MCKO
Nexus Msg Clock Out
PCR[344]
—
O
VDDE12(11)
Fast
O / Low
ALT_MCKO /
Enabled
—14
NEXUSCFG(9)
Nexus/Calibration bus
selector
——
I
VDDE12
Fast
I / Down
NEXUSCFG /
Down
——
CAL_CS[0](9)
Calibration Chip Selects
PCR[336]
—
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
CAL_CS[2](9)
CAL_ADDR[10]
Calibration Chip Selects
Calibration Address Bus
PCR[338]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
CAL_CS[3](9)
CAL_ADDR[11]
Calibration Chip Selects
Calibration Address Bus
PCR[339]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
CAL_DATA[0:9](9)
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
– / Up
– / Up
—
—
CAL_DATA[10:15](9)
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
– / Up
– / Up
—
—
CAL_OE(9)
Calibration Output Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_OE / High
—
—
CAL_RD_WR(9)
Calibration Read/Write
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_RD_WR
/High
——
CAL_TS_ALE(9)
Calibration Transfer Start
Address Latch Enable
PCR[343]
TS=0b1
ALE=0b0
O
O
VDDE12
Fast
O / High
CAL_TS / High
—
—
CAL_WE_BE[0:1](9)
Calibration Write Enable
Byte Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_WE /
High
——
Table 4. SPC563Mx signal properties (continued)
Name
Function(1)
Pad
Config.
Register
(PCR)(2)
PCR PA
Field(3)
I/O
Type
Voltage(4) /
Pad Type
Reset
State(5)
Function / State
After Reset(6)
Pin No.
LQFP
144
LQFP
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com